PART |
Description |
Maker |
PIC16F872T/SO PIC16F872/SO PIC16F872/SS PIC16LF872 |
28-Pin, 8-Bit CMOS FLASH Microcontroller 28-Pin / 8-Bit CMOS FLASH Microcontroller CAT 5E CROSSOVER PATCH CORD CABLE GREEN 10 FT 28-Pin/ 8-Bit CMOS FLASH Microcontroller
|
Microchip Technology Inc.
|
AT89C2051NBSP AT89C2051 |
2.7-Volt, 80C31 Microcontroller with 2K bytes Flash, 20-Pin Package 8-Bit Microcontroller with 2K Bytes FLASH From old datasheet system
|
Atmel Corp
|
PIC16F785 PIC16F785-I_P PIC16F785-I_SO PIC16F785-I |
20-Pin Flash-Based 8-Bit CMOS Microcontroller 20-Pin Flash-Based, 8-Bit CMOS Microcontroller with Two-Phase Asynchronous Feedback PWM Dual High-Speed Comparators and Dual Operational Amplifiers
|
Microchip Technology
|
AT89C2051X2 AT89C2051X2-16PC AT89C2051X2-16PI AT89 |
2.7-Volt, 80C31 Microcontroller with 2K bytes Flash, x2 Clock, 20-Pin Package 8-bit Microcontroller with 2K Bytes Flash
|
ATMEL Corporation
|
ATTINY84V-10MUR TSS463B-TERZ-9 AT89C2051-12PK ATTI |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDSO16 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, QCC20 8-BIT, 16 MHz, MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 32-BIT, FLASH, 66 MHz, RISC MICROCONTROLLER, PQFP144
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
PIC18LF8720-I/PT PIC18F8720-IPTSQTP PIC18F8720-IPT |
8-BIT, FLASH, 25 MHz, RISC MICROCONTROLLER, PQFP80 64/80-Pin High-Performance, 256 Kbit to 1 Mbit Enhanced Flash Microcontrollers with A/D
|
Micrel Semiconductor
|
C8051F351 |
50 MIPS, 8 kB Flash, 24-Bit ADC, 28-Pin Mixed-Signal MCU 8-BIT, FLASH, 50 MHz, MICROCONTROLLER, QCC28
|
Silicon Laboratories, Inc.
|
PIC24FV32KA301 PIC24FV32KA3041 PIC24FV32KA302 PIC2 |
20/28/44/48-Pin, General Purpose, 16-Bit Flash Microcontrollers with XLP Technology 16-BIT, FLASH, 32 MHz, MICROCONTROLLER, PDSO20
|
Microchip Technology
|
ATMEGA32L-8MI ATMEGA32L-8MC ATMEGA32L-8AC ATMEGA32 |
8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash Electrical Outlet Connector; Voltage Rating:125V; Mounting Type:Cable Mount; Contact Plating:Nickel; Current Rating:15A RoHS Compliant: Yes 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PQFP44 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 Field Attachable Connector; Number of Contacts:3; Gender:Male
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
AT90S8535-8PC AT90LS8535-8MI AT90LS8535-4MC AT90LS |
8-bit Microcontroller with 8K Bytes In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40 RESISTOR, FIXED, FILM, CH 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, QCC44 Data and Nonvolatile Program Memories
|
Atmel, Corp. Atmel Corp. ATMEL Corporation
|
PIC32MX4XXF128HT-80IMR PIC32MX4XXF128HT-80IPT PIC3 |
64/100-Pin General Purpose and USB 32-Bit Flash Microcontrollers 32-BIT, FLASH, 80 MHz, RISC MICROCONTROLLER, PQFP64 10 X 10 MM, 1 MM HEIGHT, LEAD FREE, PLASTIC, TQFP-64
|
Microchip Technology Fujitsu, Ltd.
|
|